PART |
Description |
Maker |
MCP2510T-E/SO MCP2510-I/ST MCP2510T-I/SO MCP2510T- |
The MCP2510 18-pin stand-alone CAN (Control Area Network) controller features an industry standard SPI serial interface, enabling ... The MCP2510 18-pin stand-alone CAN (Control Area Network) controller features an industry standard SPI serial interface, enabling an easy connection to virtually any microcontroller. The MCP2510 provides immediate CAN support across the en
|
Microchip
|
AT83EB5114 AT89EB5114-TGSIL AT83EB5114XXXTGRIL AT8 |
Low-pin-count 8-bit microcontroller with A/D converter Dedicated to lighting control applications, the AT83EB5114 retains all the features of the standard
|
ATMEL[ATMEL Corporation]
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
AT90SC9636R |
AT90SC9636R Summary [Updated 06/03. 3 Pages] Summary of the AT90SC9636R giving the key features. a brief description and a block diagram. Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 36K Byte EEPROM, programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out
|
Atmel
|
ATC35 |
ATC35 Summary [Updated 1/03. 14 Pages] The ATC35 Cell-based ASIC (CBIC) family features a comprehensive library of 0.35-micron standard logic and I/O A comprehensive library of 0.35-micron standard logic and I/O cells designed to operate with a supply voltage of 3.3V /- 0.3V
|
ATMEL Corporation
|
TLE4296 TLE4296GV30 TLE4296GV33 TLE4296GV50 Q67006 |
Standard Regulator with various features Low Drop Voltage Regulator Standard Voltage Regulator
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
SPD30P06P08 SPD30P06P SPD30P06PG |
SIPMOSò Power-Transistor Features Enhancement mode Avalanche rated SIPMOS? Power-Transistor Features Enhancement mode Avalanche rated
|
Infineon Technologies AG
|
AMIS30623C6239G AMIS30623C623ARG AMIS30623C623BRG |
Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection; Package: SOIC-20 Wide Body; No of Pins: 20; Container: Rail; Qty per Container: 38 STEPPER MOTOR CONTROLLER, 0.8 A, PDSO20 Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection STEPPER MOTOR CONTROLLER, 0.8 A, QCC32 Stepper Motor Driver and Controller with LIN Bus, Micro-stepping Features and Stall Detection - Automotive Version STEPPER MOTOR CONTROLLER, 0.8 A, QCC32
|
TE Connectivity, Ltd. ON Semiconductor
|
AE775W8-4S |
Features and Application
|
List of Unclassifed Manufacturers
|
CH7006C CH7006C-T CH7006C-V |
Digital PC to TV Encoder Features
|
Chrontel ETC[ETC]
|
KHR0515A01 KHR0575A01 |
DIELECTRIC RESONATOR (FEATURES)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
IPD400N06NG IPD400N06NG08 |
OptiMOS? Power-Transistor Features N-channel enhancement - normal level Avalanche rated OptiMOS庐 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
|
Infineon Technologies AG
|